Part Number Hot Search : 
MK12H BZX55 2SK2949 2SC30 070012 Z16C02 FDG326P AN1950
Product Description
Full Text Search
 

To Download ECET1JA393FA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  long life - endurance rating of 3000 hours at 105c 4 or 5 terminal mounting provides stability and keyed polarity extended higher cv ratings can vent construction part number system t-ha standard ratings cap. panasonic cap. panasonic (f) 120 hz 10khz~ 120hz 20khz part number (f) 120hz 10khz~ 120hz 20khz part number 39000 35 x 40 5.10 5.87 0.022 0.020 ecet1ca393ea 27000 35 x 40 4.80 5.52 0.018 0.017 ecet1ea273ea 47000 40 x 40 5.50 6.33 0.020 0.018 ecet1ca473fa 33000 35 x 50 5.50 6.33 0.018 0.016 ecet1ea333ea 56000 35 x 50 6.00 6.90 0.019 0.017 ecet1ca563ea 40 x 40 5.50 6.33 0.018 0.016 ecet1ea333fa 68000 35 x 63 6.62 7.61 0.017 0.015 ecet1ca683ea 47000 35 x 63 6.56 7.54 0.017 0.015 ecet1ea473ea 40 x 50 7.29 8.38 0.015 0.014 ecet1ca683fa 40 x 50 6.47 7.44 0.015 0.014 ecet1ea473fa 82000 40 x 63 7.66 8.81 0.017 0.015 ecet1ca823fa 56000 35 x 80 7.25 8.34 0.015 0.013 ecet1ea563ea 100000 35 x 80 8.03 9.23 0.015 0.013 ecet1ca104ea 40 x 63 7.17 8.25 0.014 0.013 ecet1ea563fa 120000 35 x 105 8.71 10.02 0.014 0.012 ecet1ca124ea 82000 35 x 105 8.58 9.87 0.013 0.012 ecet1ea823ea 40 x 80 8.79 10.11 0.014 0.012 ecet1ca124fa 40 x 80 8.68 9.98 0.013 0.012 ecet1ea823fa 50 x 50 9.02 10.37 0.015 0.014 ecep1ca124ha 50 x 50 9.20 10.58 0.016 0.015 ecep1ea823ha 150000 40 x 105 9.88 11.36 0.013 0.012 ecet1ca154fa 100000 40 x 105 9.76 11.22 0.012 0.010 ecet1ea104fa 50 x 63 10.15 11.67 0.014 0.013 ecep1ca154ha 50 x 63 10.02 11.52 0.015 0.013 ecep1ea104ha 180000 50 x 80 11.02 12.67 0.013 0.012 ecep1ca184ha 120000 50 x 80 10.93 12.57 0.013 0.012 ecep1ea124ha 220000 50 x 92 11.71 13.47 0.012 0.011 ecep1ca224ha 150000 50 x 92 11.70 13.46 0.012 0.011 ecep1ea154ha 250000 50 x 105 12.31 14.16 0.011 0.010 ecep1ca254ha 180000 50 x 105 12.42 14.28 0.010 0.009 ecep1ea184ha 18000 35 x 40 4.30 4.95 0.028 0.021 ecet1va183ea 10000 35 x 40 4.00 4.60 0.033 0.025 ecet1ha103ea 22000 35 x 50 5.00 5.75 0.023 0.017 ecet1va223ea 15000 35 x 50 4.80 5.52 0.022 0.018 ecet1ha153ea 40 x 40 5.00 5.75 0.023 0.017 ecet1va223fa 40 x 40 4.80 5.52 0.022 0.018 ecet1ha153fa 27000 35 x 63 5.53 6.36 0.025 0.018 ecet1va273ea 18000 35 x 63 5.27 6.06 0.020 0.016 ecet1ha183ea 40 x 50 5.44 6.26 0.020 0.015 ecet1va273fa 22000 40 x 50 5.15 5.92 0.016 0.013 ecet1ha223fa 33000 40 x 63 6.61 7.60 0.019 0.014 ecet1va333fa 27000 35 x 80 6.16 7.08 0.015 0.012 ecet1ha273ea 39000 35 x 80 6.52 7.50 0.019 0.014 ecet1va393ea 40 x 63 6.05 6.96 0.015 0.012 ecet1ha273fa 47000 35 x 105 8.07 9.28 0.017 0.013 ecet1va473ea 33000 35 x 105 7.23 8.31 0.013 0.010 ecet1ha333ea 40 x 80 7.79 8.96 0.018 0.013 ecet1va473fa 50 x 50 7.75 8.91 0.018 0.014 ecep1ha333ha 50 x 50 8.25 9.49 0.021 0.016 ecep1va473ha 39000 40 x 80 7.55 8.68 0.014 0.011 ecet1ha393fa 56000 50 x 63 9.07 10.43 0.019 0.014 ecep1va563ha 50 x 63 8.40 9.66 0.016 0.013 ecep1ha393ha 68000 40 x 105 9.27 10.66 0.016 0.012 ecet1va683fa 47000 40 x 105 8.18 9.41 0.012 0.010 ecet1ha473fa 50 x 80 10.07 11.58 0.017 0.013 ecep1va683ha 50 x 80 9.19 10.57 0.014 0.011 ecep1ha473ha 82000 50 x 92 10.89 12.52 0.015 0.011 ecep1va823ha 56000 50 x 92 9.79 11.26 0.012 0.009 ecep1ha563ha 100000 50 x 105 11.75 13.51 0.013 0.010 ecep1va104ha 68000 50 x 105 10.42 11.98 0.011 0.009 ecep1ha683ha size (mm) d x l 35 vdc working, 44 vdc surge size (mm) d x l max 105c r.c. (a rms ) 16 vdc working, 20 vdc surge 350 ~ 450 vdc max 105c r.c. (a rms ) max 20c esr ( ? ? ? ? ) -25 ~ +105oc 330 ~ 2700f (20% tolerance) -40 ~ +105oc 1000~ 250000f (20% tolerance) 25 vdc working, 32 vdc surge rated working voltage: operating temperature: nominal capacitance: endurance: leakage current: ripple current multipliers: 3 cv (a) max. after 5 minutes; c = capacitance in f, v = wv t-ha series 105c, 3000 hours 3000 hours at +105oc with maximum specified ripple current (see page 6) 16 ~ 250 vdc 50 vdc working, 63 vdc surge max 20c esr ( ? ? ? ? ) *use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature. e c e a a common code / number of terminals voltage code series code capacitance code diameter code 4 terminal ( 35 & 40mm dia.) ecet ecep 5 terminal ( 40 & 50mm dia.) frequency(hz): 16~100wv: 50 160~450wv: 60 100~120 500 1k 10k~ 0.93 0.75 0.95 0.8 1.0 1.0 1.2 1.08 1.25 1.15 1.4 a mbient tem p erature factor * 45c 2.35 60c 70c 85c a mbient tem p erature: multi p lier: 1.0 2.0 2.2 1.05 105c 1.7 a standard b extended terminal style (see pg.40) 4.0mm length "short" terminal: 6.3mm length snap-in (standard): standard 4 e 4.0mm length straight pin with standoff: x 5 y ratings: a extended design and speci? cations are subject to change without notice . ask f actor y f or technical speci? cations bef ore purchase and/or use . whene v er a doubt about saf ety ar ises from this product, please contact us immediately f or technical consultation. large can alumin um electrolytic capacitors
t-ha standard ratings (continued) cap. panasonic cap. panasonic (f) 120 hz 10khz~ 120hz 20khz part number (f) 120hz 10khz~ 120hz 20khz part number 6800 35 x 40 3.60 4.14 0.049 0.037 ecet1ja682ea 2200 40 x 63 3.68 5.15 0.098 0.064 ecet2ea222fa 12000 35 x 50 4.40 5.06 0.028 0.023 ecet1ja123ea 50 x 50 4.35 6.09 0.098 0.064 ecep2ea222ha 40 x 40 4.52 5.20 0.030 0.026 ecet1ja123fa 2700 35 x 105 4.80 6.72 0.080 0.052 ecet2ea272ea 15000 35 x 63 4.92 5.66 0.024 0.021 ecet1ja153ea 50 x 50 4.80 6.72 0.080 0.052 ecep2ea272hx 40 x 50 4.80 5.52 0.027 0.023 ecet1ja153fa 50 x 63 4.98 6.97 0.080 0.052 ecep2ea272ha 18000 35 x 80 5.79 6.66 0.022 0.019 ecet1ja183ea 3300 35 x 105 4.86 6.80 0.065 0.042 ecet2ea332ea 40 x 63 5.39 6.20 0.023 0.020 ecet1ja183fa 40 x 80 4.86 6.80 0.065 0.042 ecet2ea332fa 22000 50 x 50 6.76 7.77 0.019 0.016 ecep1ja223ha 50 x 63 5.48 7.67 0.065 0.042 ecep2ea332ha 27000 35 x 105 6.53 7.51 0.017 0.014 ecet1ja273ea 3900 40 x 105 5.61 7.85 0.055 0.036 ecet2ea392fa 40 x 80 6.59 7.58 0.017 0.014 ecet1ja273fa 50 x 80 6.10 8.54 0.055 0.036 ecep2ea392ha 50 x 63 7.34 8.44 0.017 0.014 ecep1ja273ha 4300 50 x 92 6.67 9.34 0.050 0.033 ecep2ea432ha 33000 50 x 80 8.00 9.20 0.015 0.013 ecep1ja333ha 4700 50 x 92 6.93 9.70 0.046 0.030 ecep2ea472hx 39000 40 x 105 7.53 8.66 0.014 0.012 ECET1JA393FA 50 x 105 7.03 9.84 0.046 0.030 ecep2ea472ha 50 x 92 8.48 9.75 0.014 0.012 ecep1ja393ha 5600 50 x 105 7.67 10.74 0.039 0.025 ecep2ea562ha 47000 50 x 105 8.99 10.34 0.012 0.010 ecep1ja473ha 470 35 x 40 2.00 2.80 0.459 0.183 ecet2va471ea 4700 35 x 40 3.30 3.80 0.049 0.037 ecet1ka472ea 680 35 x 50 2.15 3.01 0.317 0.127 ecet2va681ea 6800 35 x 50 3.90 4.49 0.041 0.031 ecet1ka682ea 40 x 40 2.30 3.22 0.317 0.127 ecet2va681fa 40 x 40 3.90 4.49 0.041 0.031 ecet1ka682fa 820 35 x 63 2.65 3.71 0.263 0.105 ecet2va821ea 8200 35 x 63 4.39 5.05 0.036 0.027 ecet1ka822ea 40 x 50 2.65 3.71 0.263 0.105 ecet2va821fa 40 x 50 4.29 4.93 0.036 0.027 ecet1ka822fa 1000 50 x 50 3.56 4.98 0.216 0.086 ecep2va102ha 10000 35 x 80 4.88 5.61 0.031 0.024 ecet1ka103ea 1200 35 x 80 3.22 4.51 0.180 0.072 ecet2va122ea 40 x 63 4.73 5.44 0.033 0.025 ecet1ka103fa 40 x 63 3.22 4.51 0.180 0.072 ecet2va122fa 12000 50 x 50 6.03 6.93 0.035 0.026 ecep1ka123ha 1500 35 x 105 4.78 6.69 0.144 0.057 ecet2va152ea 15000 35 x 105 6.13 7.05 0.024 0.018 ecet1ka153ea 40 x 80 3.75 5.25 0.144 0.057 ecet2va152fa 40 x 80 5.97 6.87 0.025 0.019 ecet1ka153fa 50 x 63 4.16 5.82 0.144 0.057 ecep2va152ha 50 x 63 6.65 7.65 0.028 0.021 ecep1ka153ha 1800 40 x 105 5.23 7.32 0.120 0.048 ecet2va182fa 18000 50 x 80 7.29 8.38 0.026 0.019 ecep1ka183ha 50 x 80 5.69 7.97 0.120 0.048 ecep2va182ha 22000 40 x 105 6.95 7.99 0.019 0.014 ecet1ka223fa 2000 50 x 92 6.34 8.88 0.108 0.043 ecep2va202ha 50 x 92 7.83 9.00 0.022 0.016 ecep1ka223ha 2200 50 x 105 7.03 9.84 0.098 0.039 ecep2va222ha 27000 50 x 105 8.38 9.64 0.018 0.014 ecep1ka273ha 390 35 x 45 1.55 2.17 0.425 0.170 ecet2ga391ea 3300 35 x 40 3.20 3.68 0.075 0.053 ecet2aa332ea 470 40 x 40 1.75 2.45 0.353 0.141 ecet2ga471fa 4700 35 x 50 3.80 4.37 0.053 0.040 ecet2aa472ea 560 35 x 50 1.80 2.52 0.296 0.118 ecet2ga561ea 40 x 40 3.80 4.37 0.053 0.040 ecet2aa472fa 680 40 x 50 2.17 3.04 0.244 0.098 ecet2ga681fa 5600 35 x 63 4.06 4.67 0.044 0.033 ecet2aa562ea 820 35 x 63 2.44 3.42 0.202 0.081 ecet2ga821ea 6800 40 x 50 4.57 5.26 0.037 0.027 ecet2aa682fa 40 x 50 2.58 3.61 0.202 0.081 ecet2ga821fa 8200 35 x 80 5.15 5.92 0.030 0.023 ecet2aa822ea 50 x 50 3.15 4.41 0.202 0.081 ecep2ga821ha 40 x 63 5.02 5.77 0.030 0.023 ecet2aa822fa 1000 35 x 80 3.00 4.20 0.166 0.066 ecet2ga102ea 50 x 50 6.14 7.06 0.030 0.023 ecep2aa822ha 40 x 63 3.00 4.20 0.166 0.066 ecet2ga102fa 10000 35 x 105 6.38 7.34 0.025 0.019 ecet2aa103ea 50 x 50 3.45 4.83 0.166 0.066 ecep2ga102ha 12000 40 x 80 6.44 7.41 0.021 0.016 ecet2aa123fa 1200 35 x 105 3.75 5.25 0.138 0.055 ecet2ga122ea 50 x 63 7.17 8.25 0.022 0.017 ecep2aa123ha 40 x 80 3.79 5.31 0.138 0.055 ecet2ga122fa 15000 40 x 105 7.37 8.48 0.017 0.012 ecet2aa153fa 50 x 63 4.22 5.91 0.152 0.061 ecep2ga122ha 50 x 80 8.01 9.21 0.019 0.014 ecep2aa153ha 1500 40 x 105 4.81 6.73 0.111 0.044 ecet2ga152fa 18000 50 x 92 8.64 9.94 0.017 0.012 ecep2aa183ha 50 x 80 5.22 7.31 0.122 0.049 ecep2ga152ha 22000 50 x 105 9.32 10.72 0.015 0.011 ecep2aa223ha 1600 50 x 92 5.69 7.97 0.114 0.046 ecep2ga162ha 1800 40 x 105 5.06 7.08 0.101 0.041 ecet2ga182fa 1200 35 x 40 2.50 3.50 0.133 0.066 ecet2da122ea 50 x 80 5.50 7.70 0.101 0.041 ecep2ga182hx 1800 40 x 40 2.70 3.78 0.129 0.077 ecet2da182fa 50 x 105 6.48 9.07 0.101 0.041 ecep2ga182ha 2200 35 x 50 2.90 4.06 0.098 0.059 ecet2da222ea 2200 50 x 92 6.55 9.17 0.082 0.033 ecep2ga222ha 2700 35 x 63 3.65 5.11 0.080 0.048 ecet2da272ea 40 x 50 3.55 4.97 0.086 0.052 ecet2da272fa 330 35 x 40 1.37 1.92 0.502 0.176 ecet2wa331ea 3300 35 x 80 4.52 6.33 0.065 0.039 ecet2da332ea 470 35 x 50 1.74 2.44 0.353 0.123 ecet2wa471ea 40 x 63 4.40 6.16 0.070 0.042 ecet2da332fa 40 x 40 1.68 2.35 0.353 0.123 ecet2wa471fa 50 x 50 5.20 7.28 0.075 0.045 ecep2da332ha 560 35 x 63 2.15 3.01 0.296 0.104 ecet2wa561ea 3900 50 x 50 5.65 7.91 0.064 0.038 ecep2da392hx 40 x 50 2.10 2.94 0.296 0.104 ecet2wa561fa 50 x 63 5.90 8.26 0.064 0.038 ecep2da392ha 680 40 x 63 2.50 3.50 0.244 0.085 ecet2wa681fa 4700 35 x 105 5.70 7.98 0.046 0.028 ecet2da472ea 50 x 50 2.90 4.06 0.244 0.085 ecep2wa681ha 40 x 80 5.76 8.06 0.049 0.030 ecet2da472fa 820 35 x 80 2.70 3.78 0.202 0.071 ecet2wa821ea 50 x 63 6.48 9.07 0.053 0.032 ecep2da472hx 50 x 50 3.42 4.79 0.222 0.079 ecep2wa821hx 50 x 80 6.82 9.55 0.053 0.032 ecep2da472ha 50 x 63 3.42 4.79 0.222 0.078 ecep2wa821ha 5600 40 x 105 6.76 9.46 0.041 0.025 ecet2da562fa 1000 35 x 105 3.47 4.86 0.166 0.058 ecet2wa102ea 50 x 92 7.68 10.75 0.044 0.027 ecep2da562ha 40 x 80 3.50 4.90 0.166 0.058 ecet2wa102fa 6800 50 x 92 8.46 11.84 0.034 0.020 ecep2da682hx 50 x 63 3.74 5.24 0.172 0.065 ecep2wa102ha 50 x 105 8.71 12.19 0.034 0.020 ecep2da682ha 1200 40 x 105 4.33 6.06 0.138 0.048 ecet2wa122fa 8200 50 x 105 9.56 13.38 0.028 0.016 ecep2da822ha 50 x 80 4.70 6.58 0.152 0.053 ecep2wa122ha 1300 50 x 92 5.18 7.25 0.140 0.049 ecep2wa132ha 820 35 x 40 2.20 3.08 0.243 0.133 ecet2ea821ea 1500 50 x 105 6.03 8.44 0.122 0.043 ecep2wa152ha 1200 35 x 50 2.30 3.22 0.180 0.117 ecet2ea122ea 1800 50 x 105 6.23 8.72 0.101 0.036 ecep2wa182ha 40 x 40 2.66 3.72 0.180 0.117 ecet2ea122fa 1500 35 x 63 2.57 3.60 0.144 0.093 ecet2ea152ea 1800 40 x 50 3.15 4.41 0.120 0.078 ecet2ea182fa 2200 35 x 80 3.75 5.25 0.098 0.064 ecet2ea222ea 400 vdc working, 450 vdc surge 100 vdc working, 125 vdc surge 80 vdc working, 100 vdc surge 200 vdc working, 250 vdc surge 250 vdc working, 300 vdc surge max 105c r.c. (a rms ) max 20c esr (     ) d x l d x l size (mm) max 105c r.c. (a rms ) 350 vdc working, 400 vdc surge 63 vdc working, 79 vdc surge size (mm) max 20c esr (     ) 450 vdc working, 500 vdc surge 250 vdc working, 300 vdc surge (continued) design and speci? cations are subject to change without notice . ask f actor y f or technical speci? cations bef ore purchase and/or use . whene v er a doubt about saf ety ar ises from this product, please contact us immediately f or technical consultation. large can alumin um electrolytic capacitors


▲Up To Search▲   

 
Price & Availability of ECET1JA393FA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X